Part Number Hot Search : 
M5R16ZLJ MC10100 HER180 P1013 P120NF10 LR6219 6GBU01 ASI10728
Product Description
Full Text Search
 

To Download V23092-A1005-A801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet rev. fg1 issued 2006/07 www.tycoelectronics.com www.schrackrelays.com dimensions are in mm unless otherwise specified and are shown for reference purposes only. product specification according to iec 61810-1. product data, technical para- meters, test conditions and processing information only to be used together with the 'definitions' at schrackrelays.com in the schrack section. specifications subject to change. general purpose relays 1 slim pcb relay snr  1 pole 6 a, 1 co or 1 no contact  only 5 mm wide  sensitive coil 170 mw  4 kv coil-contact, 6 / 8 mm clearance/creepage, no version with 8 / 8 mm clearance/creepage on request  reinforced insulation (protection class ii)  allows high function-/packing density  cadmium-free contacts, agni 90/10 for ac-loads  rohs compliant (directive 2002/95/ec) as per product date code 0404 applications: centralized and decentralized heating control, extremely narrow interface elements, interface technology, timers, plc's, i/o modules, i/o-ports f0140-c approvals v reg.-nr. 6666, z e214024 technical data of approved types on request contact data contact configuration 1co or 1no contact set single contact type of interruption micro disconnection rated current 6 a rated voltage / max.switching voltage ac 240/400 vac maximum breaking capacity ac 1500 va limiting making capacity, max 4 s, duty factor 10% 10 a contact material agsno 2 agsno 2 agni90/10 gold plated minimum contact load 100ma, 12v 50mw 100ma, 12v mechanical endurance 10x10 6 cycles rated frequency of operation with / without load 6 /1200 min -1 contact ratings type load cycles v23092-*****-a302 3(1,5)a, 250vac, 85c, 1mm mounting distance, 6 cycles / min, en60730-1 100x10 3 v23092-*****-a302 5(1,5)a, 250vac, 85c, 0,5mm mounting -a802 distance, 6 cycles / min, en60730-1 10x10 3 v23092- pilot duty r300 28 vdc, 85c, 6000 cycles, ul508 v23092- pilot duty b300 240 vac, 85c, 6000 cycles, ul508 coil data rated coil voltage range dc coil 5...60 vdc coil power dc coil typ. 170 mw operative range 2 coil versions, dc-coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ohm mw 005 5 3.5 0.25 147 + 10% 170 012 12 8.4 0.6 848 + 10% 170 024 24 16.8 1.2 3390 + 10% 170 048 48 33.6 2.4 10600 + 15% 217 all figures are given for coil without preenergization, at ambient temperature +23c other coil voltages on request
datasheet rev. fg1 issued 2006/07 www.tycoelectronics.com www.schrackrelays.com dimensions are in mm unless otherwise specified and are shown for reference purposes only. product specification according to iec 61810-1. product data, technical para- meters, test conditions and processing information only to be used together with the 'definitions' at schrackrelays.com in the schrack section. specifications subject to change. general purpose relays 2 slim pcb relay snr (continued) pcb layout / terminal assignment bottom view on solder pins dimensions 1 co contact 1 no contact vertical version flat pack version s0258-aa s0258-ab s0258-ac s0284-a s0283-a insulation dielectric strength coil-contact circuit 4000 v rms open contact circuit 1000 v rms clearance / creepage coil-contact circuit w 6 / 8 mm material group of insulation parts iiia tracking index of relay base pti 250 insulation to iec 60664-1 type of insulation coil-contact circuit reinforced open contact circuit functional rated insulation voltage 250 v pollution degree 3 2 rated voltage system 230 v 400 v overvoltage category iii other data rohs - directive 2002/95/ec compliant as per product date code 0404 flammability class according to ul94 v-0 ambient temperature range -40...+85c operate- / release time 5 / 2,5 ms bounce time no / nc contact 1,5 / 5 ms vibration resistance (function) no / nc contact 10 / 5 g shock resistance (function) no / nc contact 10 / 5 g shock resistance (destruction) 30 g category of protection rtiii - wash tight mounting pcb mounting position any minimum mounting distance 0 mm resistance to soldering heat 260c / 5 s relay weight 6 g packaging unit 20 / 1000 pcs accessories for details see datasheet accessories snr
datasheet rev. fg1 issued 2006/07 www.tycoelectronics.com www.schrackrelays.com dimensions are in mm unless otherwise specified and are shown for reference purposes only. product specification according to iec 61810-1. product data, technical para- meters, test conditions and processing information only to be used together with the 'definitions' at schrackrelays.com in the schrack section. specifications subject to change. general purpose relays 3 slim pcb relay snr (continued) product key version contacts contact material coil part number v23092-a1005-a201 pcb 1 co contact agsno 2 , gold pl. 5 vdc 0-1393236-1 v23092-a1005-a202 vertical version 1 no contact 8-1415067-1 v23092-a1005-a301 wash tight 1 co contact agsno 2 0-1393236-2 v23092-a1005-a302 1 no contact 9-1415067-1 V23092-A1005-A801 1 co contact agni 90/10 1-1415068-1 v23092-a1005-a802 1 no contact 0-1415068-1 v23092-a1012-a201 1 co contact agsno 2 , gold pl. 12 vdc 0-1393236-4 v23092-a1012-a202 1 no contact 0-1393236-5 v23092-a1012-a301 1 co contact agsno 2 0-1393236-7 v23092-a1012-a302 1 no contact 0-1393236-8 v23092-a1012-a801 1 co contact agni 90/10 1-1393236-3 v23092-a1012-a802 1 no contact 2-1415068-1 v23092-a1024-a201 1 co contact agsno 2 , gold pl. 24 vdc 2-1393236-1 v23092-a1024-a202 1 no contact 2-1393236-2 v23092-a1024-a301 1 co contact agsno 2 2-1393236-4 v23092-a1024-a302 1 no contact 2-1393236-5 v23092-a1024-a801 1 co contact agni 90/10 3-1393236-0 v23092-a1024-a802 1 no contact 5-1415063-1 v23092-a1048-a201 1 co contact agsno 2 , gold pl. 48 vdc 3-1393236-5 v23092-a1048-a202 1 no contact 3-1393236-6 v23092-a1048-a301 1 co contact agsno 2 3-1393236-7 v23092-a1048-a302 1 no contact 3-1393236-8 v23092-a1048-a801 1 co contact agni 90/10 3-1393236-9 v23092-a1048-a802 1 no contact 3-1415068-1 product key v23092- 1 -a type version a pcb vertical version b pcb flat pack version version 1 wash tight coil coil code: please refer to coil versions table contact system a standard contact material 2 agsno 2 , gold plated 3 agsno 2 8 agni 90/10 contact configuration 01 1 co contact 02 1 no contact no version with 8/8 mm clearance and creepage and other types on request


▲Up To Search▲   

 
Price & Availability of V23092-A1005-A801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X